PART |
Description |
Maker |
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|
NJU7116 |
SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE
|
njr
|
FE-1382-10 |
Operating Voltage= 115/240 Vac Operating Current Max= 10 amp
|
JMK Inc.
|
FF-1153-12.5 |
Operating Voltage = 250/480 Vac Operating Current Max= 12.5 amps
|
JMK Inc.
|
FF-1199-6B |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
HH-1199-6C |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
1N4704 1N4678 1N4687 1N4688 1N4712 1N4696 1N4711 1 |
50 uA LOW OPERATING CURRENT ZENER DIODES
|
Compensated Devices Incorporated
|